Part Number Hot Search : 
PC1470H U3745BM HMC973 NAR101 4555B CY7C09 AN710 74HC151
Product Description
Full Text Search
 

To Download MTB25A04Q8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c884q8 issued date : 2013.02.06 revised date : page no. : 1/9 MTB25A04Q8 cystek product specification dual n-channel enhancement mode power mosfet MTB25A04Q8 bv dss 40v i d 12a r dson @v gs =10v, i d =8a 20m (typ) r dson @v gs =4.5v, i d =5a 26m (typ) description the MTB25A04Q8 provides the designer with the best combination of fast sw itching, ruggedized device design, ultra low on-resistance and cost effectiveness. the sop-8 package is universally preferred for all co mmercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. features ? simple drive requirement ? low on-resistance ? fast switching speed ? dual n-ch mosfet package ? pb-free lead plating & halogen-free package equivalent circuit outline MTB25A04Q8 sop-8 pin 1 g gate s source d drain
cystech electronics corp. spec. no. : c884q8 issued date : 2013.02.06 revised date : page no. : 2/9 MTB25A04Q8 cystek product specification absolute maximum ratings (ta=25 c) parameter symbol limits unit drain-source voltage v ds 40 gate-source voltage v gs d20 v continuous drain current @ v gs =10v, t c =25 c 12 continuous drain current @ v gs =10v, t c =100 c 8.5 continuous drain current @ v gs =10v, t a =25 c 8 (note 2) continuous drain current @ v gs =10v, t a =70 c i d 6.7 (note 2) pulsed drain current i dm 32 (note 1) a power dissipation for dual operation 3 2.4 (note 2) power dissipation for single operation p d 1.2 (note 3) w operating junction and storage temp erature range tj, tstg -55~+150 c thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 25 62.5 (note 2) thermal resistance, junction-to-ambient, max r th,j-a 125 (note 3) c/w note : 1. pulse width limited by maximum junction temperature 2. surface mounted on 1 in2 copper pad of fr-4 board, pulse width 10s. 3. surface mounted on minimum copper pad, pulse width 10s. characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 40 - - v v gs =0, i d =250 a v gs(th) 1.0 1.4 2.5 v v ds =v gs , i d =250 a g fs *1 - 10 - s v ds =5v, i d =8a i gss - - d 100 na v gs = d 20, v ds =0 - - 1 v ds =32v, v gs =0 i dss - - 25 a a v ds =32v, v gs =0, tj=125 c - 20 25 v gs =10v, i d =8a r ds(on) *1 - 26 35 m  m  v gs =4.5v, i d =5a dynamic qg *1, 2 - 9 - qgs *1, 2 - 1.8 - qgd *1, 2 - 2.5 - nc v ds =20v, i d =8a, v gs =10v t d(on) *1, 2 - 7 - tr *1, 2 - 5 - t d(off) *1, 2 - 21 - t f *1, 2 - 8 - ns v ds =20v, i d =1a, v gs =10v, r g =6 
cystech electronics corp. spec. no. : c884q8 issued date : 2013.02.06 revised date : page no. : 3/9 MTB25A04Q8 cystek product specification ciss - 640 - coss - 51 - crss - 45 - pf v gs =0v, v ds =20v, f=1mhz source-drain diode i s *1 - - 8 i sm *3 - - 24 a v sd *1 - 0.73 1.2 v i s =1a, v gs =0v note : *1.pulse test : pulse width 300  s, duty cycle 2% *2.independent of operating temperature *3.pulse width limited by maximum junction temperature. ordering information device package shipping MTB25A04Q8-0-t1-g sop-8 (pb-free lead plating & halogen-free package) 3000 pcs / tape & reel
cystech electronics corp. spec. no. : c884q8 issued date : 2013.02.06 revised date : page no. : 4/9 MTB25A04Q8 cystek product specification typical characteristics typical output characteristics 0 5 10 15 20 25 30 012345 v ds , drain-source voltage(v) i d , drain current (a) 10v,9v,8v,7v,6v,5v,4v v gs =3v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 10 100 1000 0.01 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =2.5v v gs =3.5v v gs =10v v gs =4.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 024681 i dr , reverse drain current(a) v sd , source-drain voltage(v) 0 tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 40 80 120 160 200 024681 0 drain-source on-state resistance vs junction tempearture 0 0.4 0.8 1.2 1.6 2 2.4 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =10v, i d =8a r ds( on) @tj=25c : 20m v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) i d =8a
cystech electronics corp. spec. no. : c884q8 issued date : 2013.02.06 revised date : page no. : 5/9 MTB25A04Q8 cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 10 100 1000 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 -60 -20 20 60 100 140 tj, junction temperature(c) v gs(th) , normalized threshold voltage i d =250 a forward transfer admittance vs drain current 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 i d , drain current(a) g fs , forward transfer admittance(s) ta=25c pulsed v ds =5v gate charge characteristics 0 2 4 6 8 10 024681012 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =8a v ds =20v v ds =15v maximum safe operating area 0.01 0.1 1 10 100 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current(a) t a =25c, tj=175c v gs =10v, r ja =62.5c/w single pulse dc 100ms r dson limited 1s 100 s 1ms 10ms maximum drain current vs junction temperature 0 1 2 3 4 5 6 7 8 9 10 25 50 75 100 125 150 175 200 tj, junction temperature(c) i d , maximum drain current(a) t a =25c, v gs =10v, r ja =62.5c/w
cystech electronics corp. spec. no. : c884q8 issued date : 2013.02.06 revised date : page no. : 6/9 MTB25A04Q8 cystek product specification typical characteristics(cont.) typical transfer characteristics 0 5 10 15 20 25 30 012345 v gs , gate-source voltage(v) i d , drain current(a) v ds =10v single pulse maximum power dissipation 0 50 100 150 200 250 300 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width(s) power (w) t j(max) =175c t a =25c r jc =62.5c/w transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) r(t), normalized effective transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *r ja (t) 4.r ja =62.5c/w
cystech electronics corp. spec. no. : c884q8 issued date : 2013.02.06 revised date : page no. : 7/9 MTB25A04Q8 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c884q8 issued date : 2013.02.06 revised date : page no. : 8/9 MTB25A04Q8 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c884q8 issued date : 2013.02.06 revised date : page no. : 9/9 MTB25A04Q8 cystek product specification sop-8 dimension *: typical inches marking: 8-lead sop-8 plastic package cystek packa g e code: q8 top view a b front view f c d e g part a i h j k o m l n right side view part a date code device name b25 a04 millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1850 0.2007 4.70 5.10 i 0.0031 0.0110 0.08 0.28 b 0.1457 0.1614 3.70 4.10 j 0.0157 0.0323 0.40 0.83 c 0.2283 0.2441 5.80 6.20 k 0.0074 0.0102 0.19 0.26 d 0.0500* 1.27* l 0.0145 0.0204 0.37 0.52 e 0.0130 0.0201 0.33 0.51 m 0.0118 0.0197 0.30 0.50 f 0.1472 0.1527 3.74 3.88 n 0.0031 0.0051 0.08 0.13 g 0.0472 0.0638 1.20 1.62 o 0.0000 0.0059 0.00 0.15 h 0.1889 0.2007 4.80 5.10 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTB25A04Q8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X